Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet(PDF) 7 Page - Qorvo, Inc

Part # QPB0206N
Description  2 – 6 GHz GaN Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0206N Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button QPB0206N Datasheet HTML 3Page - Qorvo, Inc QPB0206N Datasheet HTML 4Page - Qorvo, Inc QPB0206N Datasheet HTML 5Page - Qorvo, Inc QPB0206N Datasheet HTML 6Page - Qorvo, Inc QPB0206N Datasheet HTML 7Page - Qorvo, Inc QPB0206N Datasheet HTML 8Page - Qorvo, Inc QPB0206N Datasheet HTML 9Page - Qorvo, Inc QPB0206N Datasheet HTML 10Page - Qorvo, Inc QPB0206N Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
QPB0206N
2 – 6 GHz GaN Amplifier
Data Sheet Rev. A, May 2023 | Subject to change without notice
- 7 of 13 -
www.qorvo.com
Typical Performance – Large Signal (CW)
Conditions unless otherwise specified: VD = 24
 V, IDQ = 20 A, PIN = 36 dBm
40
42
44
46
48
50
52
54
56
58
12
14
16
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
2 GHz
4 GHz
6 GHz
CW, VD = 24 V, T = 25 C
40
42
44
46
48
50
52
54
56
58
12
14
16
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
-40 C
+25 C
+71 C
CW, VD = 24 V, Freq. = 2 GHz
0
5
10
15
20
25
30
35
40
45
50
12
14
16
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Power Added Eff. vs. Input Power vs. Freq.
2 GHz
4 GHz
6 GHz
CW, VD = 24 V, T = 25 C
40
42
44
46
48
50
52
54
56
58
12
14
16
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
-40 C
+25 C
+71 C
CW, VD = 24 V, Freq. = 4 GHz
0
5
10
15
20
25
30
35
40
45
50
12
14
16
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Supply Current vs. Input Power vs. Freq.
2 GHz
4 GHz
6 GHz
CW, VD = 24 V, T = 25 C
40
42
44
46
48
50
52
54
56
58
12
14
16
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
-40 C
+25 C
+71 C
CW, VD = 24 V, Freq. = 6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com