Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPB0206N
Description  2 – 6 GHz GaN Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0206N Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPB0206N Datasheet HTML 5Page - Qorvo, Inc QPB0206N Datasheet HTML 6Page - Qorvo, Inc QPB0206N Datasheet HTML 7Page - Qorvo, Inc QPB0206N Datasheet HTML 8Page - Qorvo, Inc QPB0206N Datasheet HTML 9Page - Qorvo, Inc QPB0206N Datasheet HTML 10Page - Qorvo, Inc QPB0206N Datasheet HTML 11Page - Qorvo, Inc QPB0206N Datasheet HTML 12Page - Qorvo, Inc QPB0206N Datasheet HTML 13Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
QPB0206N
2 – 6 GHz GaN Amplifier
Data Sheet Rev. A, May 2023 | Subject to change without notice
- 13 of 13 -
www.qorvo.com
Handling Precautions
Caution!
ESD-Sensitive Device
RF VOLTAGE HAZARD: Contact with RF fields at the output connector can cause burns or electric shock. High
levels of RF/Microwave energy may be present when the unit is operating.
HIGH DC CURRENT HAZARD: High levels of DC current are present when the unit is operating.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information
contained herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All
information contained herein is subject to change without notice. Customers should obtain and verify the latest relevant
information before placing orders for Qorvo products. The information contained herein or any use of such information does
not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether
with regard to such information itself or anything described by such information. THIS INFORMATION DOES NOT
CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED HEREIN, AND QORVO HEREBY
DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER EXPRESS OR IMPLIED
BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE, INCLUDING
THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical
components in medical, life-saving, or life-sustaining applications, or other applications where a failure would reasonably
be expected to cause severe personal injury or death.
© 2023 Qorvo US, Inc. All rights reserved. This document is subject to copyright laws in various jurisdictions worldwide
and may not be reproduced or distributed, in whole or in part, without the express written consent of Qorvo US, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com