Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet(PDF) 8 Page - Qorvo, Inc

Part # QPB0206N
Description  2 – 6 GHz GaN Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0206N Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button QPB0206N Datasheet HTML 4Page - Qorvo, Inc QPB0206N Datasheet HTML 5Page - Qorvo, Inc QPB0206N Datasheet HTML 6Page - Qorvo, Inc QPB0206N Datasheet HTML 7Page - Qorvo, Inc QPB0206N Datasheet HTML 8Page - Qorvo, Inc QPB0206N Datasheet HTML 9Page - Qorvo, Inc QPB0206N Datasheet HTML 10Page - Qorvo, Inc QPB0206N Datasheet HTML 11Page - Qorvo, Inc QPB0206N Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
QPB0206N
2 – 6 GHz GaN Amplifier
Data Sheet Rev. A, May 2023 | Subject to change without notice
- 8 of 13 -
www.qorvo.com
Typical Performance –  Linearity, Harmonics, Small Signal
Conditions unless otherwise specified: VD =24 V, IDQ = 20 A, T = 25 °C, CW
-40
-35
-30
-25
-20
-15
-10
-5
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
IMD3 vs. Frequency vs. Temperature
-40 C
+25 C
+71 C
Tone Spacing = 100 MHz, P
OUT/Tone = 49 dBm
-60
-50
-40
-30
-20
-10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Fundamental Frequency (GHz)
2nd Harmonic vs. Fund. Freq. vs. Temp.
-40 C
+25 C
+71 C
PIN = 36 dBm
-60
-50
-40
-30
-20
-10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Fundamental Frequency (GHz)
3rd Harmonic vs. Fund. Freq. vs. Temp.
-40 C
+25 C
+71 C
PIN = 36 dBm
0
5
10
15
20
25
30
35
40
45
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
S21 vs. Frequency vs. Temperature
S21 -40C
S21 +25C
S21 +71C
-30
-25
-20
-15
-10
-5
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
S11 vs. Frequency vs. Temperature
S11 -40C
S11 +25C
S11 +71C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com