Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPB0206N
Description  2 – 6 GHz GaN Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0206N Datasheet(HTML) 3 Page - Qorvo, Inc

  QPB0206N Datasheet HTML 1Page - Qorvo, Inc QPB0206N Datasheet HTML 2Page - Qorvo, Inc QPB0206N Datasheet HTML 3Page - Qorvo, Inc QPB0206N Datasheet HTML 4Page - Qorvo, Inc QPB0206N Datasheet HTML 5Page - Qorvo, Inc QPB0206N Datasheet HTML 6Page - Qorvo, Inc QPB0206N Datasheet HTML 7Page - Qorvo, Inc QPB0206N Datasheet HTML 8Page - Qorvo, Inc QPB0206N Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
QPB0206N
2 – 6 GHz GaN Amplifier
Data Sheet Rev. A, May 2023 | Subject to change without notice
- 3 of 13 -
www.qorvo.com
Typical Performance – Large Signal (CW)
Conditions unless otherwise specified: VD = 24
 V, IDQ = 20 A, PIN = 36 dBm
48
49
50
51
52
53
54
55
56
57
58
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Output Power vs. Freq. vs. Temp.
-40 C
+25 C
+71 C
CW, PIN = 36 dBm, VD = 24 V
10
15
20
25
30
35
40
45
50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Power Added Eff. vs. Freq. vs. Temp.
-40 C
+25 C
+71 C
CW, PIN = 36 dBm, VD = 24 V
0
5
10
15
20
25
30
35
40
45
50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Suppy Current vs. Freq. vs. Temp.
-40 C
+25 C
+71 C
CW, PIN = 36 dBm, VD = 24 V
100
200
300
400
500
600
700
800
900
1000
1100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Dissipation vs. Freq. vs. Temp.
-40 C
+25 C
+71 C
CW, PIN = 36 dBm, VD = 24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com