Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet(PDF) 12 Page - Qorvo, Inc

Part # QPB0206N
Description  2 – 6 GHz GaN Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0206N Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button QPB0206N Datasheet HTML 5Page - Qorvo, Inc QPB0206N Datasheet HTML 6Page - Qorvo, Inc QPB0206N Datasheet HTML 7Page - Qorvo, Inc QPB0206N Datasheet HTML 8Page - Qorvo, Inc QPB0206N Datasheet HTML 9Page - Qorvo, Inc QPB0206N Datasheet HTML 10Page - Qorvo, Inc QPB0206N Datasheet HTML 11Page - Qorvo, Inc QPB0206N Datasheet HTML 12Page - Qorvo, Inc QPB0206N Datasheet HTML 13Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
QPB0206N
2 – 6 GHz GaN Amplifier
Data Sheet Rev. A, May 2023 | Subject to change without notice
- 12 of 13 -
www.qorvo.com
Mechanical Information
– Bias Card Connector Pins
https://www.ti.com/lit/ds/symlink/lmt87.pdf/
PIN NO.
FUNCTION
DESCRIPTION
J1-1
DRAIN 1
Voltage output on this pin follows 0.5V/A times the current flowing through channel 1 of the Spatium
J1-2
DRAIN 2
Voltage output on this pin follows 0.5V/A times the current flowing through channel 2 of the Spatium
J1-3
DRAIN 3
Voltage output on this pin follows 0.5V/A times the current flowing through channel 3 of the Spatium
J1-4
DRAIN 4
Voltage output on this pin follows 0.5V/A times the current flowing through channel 4 of the Spatium
J1-5
DRAIN 5
Voltage output on this pin follows 0.5V/A times the current flowing through channel 5 of the Spatium
J1-6
DRAIN 6
Voltage output on this pin follows 0.5V/A times the current flowing through channel 6 of the Spatium
J1-7
DRAIN 7
Voltage output on this pin follows 0.5V/A times the current flowing through channel 7 of the Spatium
J1-8
DRAIN 8
Voltage output on this pin follows 0.5V/A times the current flowing through channel 8 of the Spatium
J1-9
DRAIN 9
Voltage output on this pin follows 0.5V/A times the current flowing through channel 9 of the Spatium
J1-10
DRAIN 10
Voltage output on this pin follows 0.5V/A times the current flowing through channel 10 of the Spatium
J1-11
DRAIN 11
Voltage output on this pin follows 0.5V/A times the current flowing through channel 11 of the Spatium
J1-12
DRAIN 12
Voltage output on this pin follows 0.5V/A times the current flowing through channel 12 of the Spatium
J1-13
DRAIN 13
Voltage output on this pin follows 0.5V/A times the current flowing through channel 13 of the Spatium
J1-14
DRAIN 14
Voltage output on this pin follows 0.5V/A times the current flowing through channel 14 of the Spatium
J1-15
DRAIN 15
Voltage output on this pin follows 0.5V/A times the current flowing through channel 15 of the Spatium
J1-16
DRAIN 16
Voltage output on this pin follows 0.5V/A times the current flowing through channel 16 of the Spatium
J1-17
5V0
5V internally generated reference voltage
J1-18
5V0
5V internally generated reference voltage
J1-19
GND
Connect to logic ground
J1-20
GND
Connect to logic ground
J1-21
VTEMP
Connects to Texas Instruments LMT87 temperature sensor output
J1-22
ENABLE
5V logic command bit to turn on/off the drain voltage leading to each channel of the Spatium. 0V puts the unit
into a low-power state while 5V will allow normal operation. In the absence of an external logic signal (open),
the amplifier will power on with the application of the supply voltage.
J1-23
SCL
I2C bus used to program amplifier for operation. Please contact Qorvo applications engineering for further
information.
J1-24
SDA
I2C bus used to program amplifier for operation. Please contact Qorvo applications engineering for further
information.
J1-25
RESET
I2C bus used to program amplifier for operation. Please contact Qorvo applications engineering for further
information.
J1-26
GND
Connect to logic ground.
J1 CONNECTOR PIN FUNCTION AND DEFINITION
J1-1 through J1-16 can be used for diagnostics / status of MMIC; otherwise, leave open.
J1-17 and J1-18 can be used to supply up to 100 mA of current if required. Otherwise, leave open. Do not apply a voltage to these pins.
J1-21 can be used to monitor the reference temperature of the Spatium. For the relationship between the sensor output voltage and
temperature, please see the LMT87 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com