Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPB0206N
Description  2 – 6 GHz GaN Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0206N Datasheet(HTML) 2 Page - Qorvo, Inc

  QPB0206N Datasheet HTML 1Page - Qorvo, Inc QPB0206N Datasheet HTML 2Page - Qorvo, Inc QPB0206N Datasheet HTML 3Page - Qorvo, Inc QPB0206N Datasheet HTML 4Page - Qorvo, Inc QPB0206N Datasheet HTML 5Page - Qorvo, Inc QPB0206N Datasheet HTML 6Page - Qorvo, Inc QPB0206N Datasheet HTML 7Page - Qorvo, Inc QPB0206N Datasheet HTML 8Page - Qorvo, Inc QPB0206N Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
QPB0206N
2 – 6 GHz GaN Amplifier
Data Sheet Rev. A, May 2023 | Subject to change without notice
- 2 of 13 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Value / Unit
Prime Power (VDC)*
32 V
Drain Current (ID_DRIVE)
47 A
RF Input Power
42 dBm
Operating Temperature*
–40 to +71 °C
Storage Temperature
–40 to +85 °C
Operation of this device outside the parameter ranges given above may
cause permanent damage. These are stress ratings only, and functional
operation of the device at these conditions is not implied.
* Rating for thermal reliability
Recommended Operating Conditions
Parameter
Value / Unit
Drain Voltage (VD)
24 V
Quiescent Drain Current (IDQ)
20 A
Operating Drain Current (ID)
35 A
Operating Temperature **
–40 to +71 °C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
** Refers to outside clamp surface temperature
Electrical Specifications
Parameter
Cond.
Min
Typ
Max
Units
Frequency
2
6
GHz
Saturated POUT, CW (PIN = 36 dBm)
2 GHz
4 GHz
6 GHz
55.7
54.0
54.3
dBm
dBm
dBm
Power-Added Efficiency, CW (PIN = 36 dBm)
2 GHz
4 GHz
6 GHz
36.3
31.8
32.0
%
%
%
Power Gain (CW, PIN = 36 dBm)
18.3
dB
Small Signal Gain (S21)
32.2
dB
Input Return Loss
16
dB
Switching Time (PW=500 ns, F= 4 GHz, PIN=36 dBm)
ENABLE to RF ON
138
ns
ENABLE to RF OFF
162
ns
Input RF Interface
SMA (F)
Output RF Interface
Type N (F)
Weight: Amp + Bias Card
16.5 (7.48)
lbs. (kg)
Amp + Bias Card + One/Two Capacitor Bank(s)
17.0 (7.71) / 17.5 (7.94)
lbs. (kg)
Dimensions: Amp + Bias Card (L) x (W) x (H)
11.33 x 3.4 x 3.4 (287.8 x 86.4 x 86.4)
inch (mm)
Amp + Bias Card + One Capacitor Bank
11.33 x 4.1 x 3.4 (287.8 x 104.1 x 86.4)
inch (mm)
Amp + Bias Card + Two Capacitor Banks
11.33 x 4.8 x 3.4 (287.8 x 121.9 x 86.4)
inch (mm)
Test conditions unless otherwise noted: VDC = 24 V, IDQ = 20 A, CW, T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com