Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPB0206N
Description  2 – 6 GHz GaN Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0206N Datasheet(HTML) 1 Page - Qorvo, Inc

  QPB0206N Datasheet HTML 1Page - Qorvo, Inc QPB0206N Datasheet HTML 2Page - Qorvo, Inc QPB0206N Datasheet HTML 3Page - Qorvo, Inc QPB0206N Datasheet HTML 4Page - Qorvo, Inc QPB0206N Datasheet HTML 5Page - Qorvo, Inc QPB0206N Datasheet HTML 6Page - Qorvo, Inc QPB0206N Datasheet HTML 7Page - Qorvo, Inc QPB0206N Datasheet HTML 8Page - Qorvo, Inc QPB0206N Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
QPB0206N
2 – 6 GHz GaN Amplifier
Data Sheet Rev. A, May 2023 | Subject to change without notice
- 1 of 13 -
www.qorvo.com
Product Description
An excellent alternative to traveling wave tube amplifiers,
Qorvo’s Spatium™ QPB0206N is a solid state, spatial
combining amplifier with an operating range of 2
–6 GHz.
With its maximum performance in output power, gain,
power added efficiency, and frequency range, this Spatium
is the ideal building block for microwave subsystems with
wide-ranging applications.
Qorvo’s patented and field-proven Spatium combining
technology provides unprecedented Solid-State Power
Amplifier (SSPA) performance in a rugged, compact size
and weight which reduces total cost of ownership compared
to alternative technologies. This product offering combines
Qorvo’s market leadership in GaN technology and MMIC
design along with our high-count combining techniques for
a best in class solution to power amplification.
The QPB0206N is equipped with an integrated bias card,
which allows for convenience of operation, reducing
electrical losses in the bias networks, and weight reduction
over using a separate bias card. It provides individualized
bias settings for each amplifier blade in the Spatium SSPA
as well as drain pulsing up to 1 MHz PRF for superior power
savings and noise performance.
Input (T) and Output (B)
Functional Block Diagram
Product Features
• Frequency Range: 2 – 6 GHz
• Saturated Output Power: 54.3 dBm (PIN = 36 dBm)
• Large Signal Gain: 18.3 dB (PIN = 36 dBm)
• Solid State MMIC Reliability
• Multi-Element Redundancy
• Instant On (no warm-up)
• Integrated Bias Card
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Applications
• TWTA Replacement
Ordering Information
Part No.
Description
QPB0206N
2
 – 6 GHz Spatium™ Amplifier
16 HPA MMICs
SMA (F)
Coax Input
N-TYPE (F)
Coax Output
Bias Interface Card
Power Supply
Input VDC
VDC Return
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?


Similar Part No. - QPB0206N

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0218 QORVO-QPB0218 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0218N QORVO-QPB0218N Datasheet
891Kb / 14P
2 – 18 GHz Wideband GaN Amplifier
October 2024
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results

Similar Description - QPB0206N

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
2-6 GHz GaN LNA
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
2 to 6 GHz, 30W GaN Power Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
2 6 GHz GaN Driver Amplifier
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
2 to 6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
2 6 GHz GaN LNA
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
2??2 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
2 ??6 GHz 30 W GaN Power Amplifier
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
2-6 GHz 30 W GaN Power Amplifier
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
2 ??6 GHz GaN LNA
June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com