Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-155 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM-155 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM-155
Download  AM-155 Download
File Size   83.23 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz

AM-155 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-155 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM-155
Download  AM-155 Click to download

File Size   83.23 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz

AM-155 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM-155 Product details

Description
M/A-COM’s AM-155 is a coupler feedback amplifier with high intercept and compression points. The use of coupler feedback minimizes noise figure and current in a high intercept amplifier. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-155 is ideally suited for use where a high intercept, high reliability amplifier is required.

Features
• 2.5 dB Typical Midband Noise Figure
• +21 dBm Typical Midband Output Power
• +37 dBm Typical Midband Third Order Intercept




Similar Part No. - AM-155

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
Tyco Electronics
AM-155PIN MACOM-AM-155PIN Datasheet
223Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
AM-155PIN MACOM-AM-155PIN Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
More results


Similar Description - AM-155

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier 50 - 1000 MHz
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain,
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com