Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-155 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-155
Description  High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-155 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-155 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-155 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-155 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Dynamic Range Amplifier,
12.5 dB Gain, 300 - 1000 MHz
Rev. V4
AM-155 / AMC-155
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
11.25
12.25
13.25
Frequency Response
—
dB
—
—
±0.5
Gain Variation with
Temperature
—
dB
—
—
±0.7
1 dB Compression
Output Power
dBm
+18
—
—
Noise Figure
—
dB
dB
—
—
—
—
4.0
5.5
Reverse Transmission
—
dB
—
-14
-10
VSWR
Input
Output
Ratio
Ratio
—
—
—
—
2.0:1
3.0:1
Output IP2
Two-Tone inputs up to +5 dBm
dBm
+40
—
—
Output IP3
Two-Tone inputs up to +5 dBm
dBm
+27
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
50
60
Power Dissipation
@ +15 V Bias
mW
—
750
—
Frequency
600 MHz
300 - 1000 MHz
300 - 1000 MHz
300 - 1000 MHz
300 - 700 MHz
300 - 1000 MHz
300 - 1000 MHz
300 - 1000 MHz
300 - 1000 MHz
300 - 1000 MHz
—
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 0.8W must be provided
in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
300
0.30/42.3
4.05/166.3
0.18/173.3
0.36/87.8
350
0.26/12.9
4.12/153.2
0.18/161.3
0.33/80.5
400
0.24/-25.7
4.13/142.0
0.19/150.6
0.30/76.2
500
0.20/-88.2
4.03/122.0
0.20/131.8
0.28/73.4
600
0.23/-123.0
3.94/104.9
0.20/115.3
0.27/67.8
700
0.26/-144.7
3.88/89.4
0.21/100.1
0.28/51.3
800
0.29/-163.9
3.88/74.5
0.21/85.2
0.28/21.3
900
0.27/175.6
4.01/59.5
0.22/69.8
0.30/-20.2
1000
0.25/147.1
4.22/41.3
0.23/53.6
0.32/-63.0
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com