Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-149 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MD-149 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MD-149
Download  MD-149 Download
File Size   75.15 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer, 10 - 1500 MHz

MD-149 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-149 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MD-149
Download  MD-149 Click to download

File Size   75.15 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer, 10 - 1500 MHz

MD-149 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MD-149 Product details

Description
Transformers convert the LO and RF paths to balanced lines connecting to a medium barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
• Over Two-Decade Frequency Range
• Conversion Loss: 6 dB Typical Midband
• LO-RFIsolation: 40 dB Typical Midband
• Fully Hermetic Package
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 300 mW Max, Derated to 85°C @ 3.2 mW/°C
• IF Port Current: 50 mA Max.
• MIL-STD-883 Screening Available




Similar Part No. - MD-149

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-149PIN MACOM-MD-149PIN Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MD-149PIN MACOM-MD-149PIN Datasheet
134Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
More results


Similar Description - MD-149

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-158 MACOM-MD-158 Datasheet
202Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
Double Balanced Mixer 5 - 1500 MHz
MDS-148 MACOM-MDS-148 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MDS-149 MACOM-MDS-149 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
List of Unclassifed Man...
MC1502 ETC1-MC1502 Datasheet
169Kb / 2P
10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
MC1507 ETC1-MC1507 Datasheet
169Kb / 2P
10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MD-M149 MACOM-MD-M149 Datasheet
134Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MD-148 MA-COM-MD-148 Datasheet
60Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
Teledyne Technologies I...
MC1505 TELEDYNE-MC1505 Datasheet
169Kb / 2P
10 TO 1500 MHz TO-8 DOUBLE-MC1505 BALANCED MIXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com