Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS-148 Datasheet (PDF) - Tyco Electronics

MDS-148 Datasheet PDF - Tyco Electronics
Part # MDS-148
Download  MDS-148 Download
File Size   217.27 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer, 10 - 1500 MHz

MDS-148 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS-148 Datasheet PDF - Tyco Electronics

Part # MDS-148
Download  MDS-148 Click to download

File Size   217.27 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer, 10 - 1500 MHz

MDS-148 Datasheet (HTML) - Tyco Electronics


MDS-148 Product details

Description
Transformers convert the LO and RF paths to balanced lines connecting to a medium barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
■ Fully Hermetic Package
■ 1 dB Compression Point: +5 dBm
■ Conversion Loss: 6 dB Typical Midband
■ LO-RF/LO-IF Isolation: 40 dB Typical Midband
■ Impedance: 50 Ohms Nominal
■ Maximum Input Power: 300 mW Max, Derated to 85°C @ 3.2 mW/°C
■ X Port Current: 50 mA Max.
■ MIL-STD-883 Screening Available




Similar Part No. - MDS-148

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDS-148 MA-COM-MDS-148 Datasheet
60Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
More results


Similar Description - MDS-148

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-158 MACOM-MD-158 Datasheet
202Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
Double Balanced Mixer 5 - 1500 MHz
MDS-149 MACOM-MDS-149 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
List of Unclassifed Man...
MC1502 ETC1-MC1502 Datasheet
169Kb / 2P
10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
MC1507 ETC1-MC1507 Datasheet
169Kb / 2P
10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MD-M149 MACOM-MD-M149 Datasheet
134Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MD-148 MA-COM-MD-148 Datasheet
60Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MD-149 MA-COM-MD-149 Datasheet
75Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
Teledyne Technologies I...
MC1505 TELEDYNE-MC1505 Datasheet
169Kb / 2P
10 TO 1500 MHz TO-8 DOUBLE-MC1505 BALANCED MIXER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com