Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC817LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC817LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC817LP4E
Download  HMC817LP4E Download
File Size   433.0 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz

HMC817LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC817LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC817LP4E
Download  HMC817LP4E Click to download

File Size   433.0 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz

HMC817LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC817LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC817LP4E HITTITE-HMC817LP4E Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
HMC817LP4E HITTITE-HMC817LP4E_10 Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
More results


Similar Description - HMC817LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC356LP3 HITTITE-HMC356LP3_06 Datasheet
385Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC816LP4E HITTITE-HMC816LP4E Datasheet
452Kb / 8P
SMT GaAs PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
HMC356LP3 HITTITE-HMC356LP3_10 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
HMC616LP3 HITTITE-HMC616LP3_10 Datasheet
1Mb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC816LP4E HITTITE-HMC816LP4E_10 Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
HMC817LP4E HITTITE-HMC817LP4E_10 Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
logo
Analog Devices
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com