Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF157 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF157 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF157
Download  MRF157 Download
File Size   327.06 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear RF Power MOSFET 600W, to 80MHz

MRF157 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF157 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF157
Download  MRF157 Click to download

File Size   327.06 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Linear RF Power MOSFET 600W, to 80MHz

MRF157 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF157 Product details

Designed primarily for linear large signal output stages to 80 MHz.

• Specified 50 volts, 30 MHz characteristics Output power = 600 watts Power gain = 21 dB (typ.) Efficiency = 45% (typ.)




Similar Part No. - MRF157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF157 MOTOROLA-MRF157 Datasheet
178Kb / 8P
MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF157 MACOM-MRF157 Datasheet
190Kb / 7P
MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF157 MA-COM-MRF157 Datasheet
327Kb / 9P
Linear RF Power MOSFET 600W, to 80MHz
logo
Freescale Semiconductor...
MRF1570FNT1 FREESCALE-MRF1570FNT1 Datasheet
620Kb / 23P
RF Power Field Effect Transistors
MRF1570FT1 FREESCALE-MRF1570FT1 Datasheet
437Kb / 20P
RF Power Field Effect Transistors
More results


Similar Description - MRF157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF6401 MOTOROLA-MRF6401 Datasheet
111Kb / 6P
RF LINEAR POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET 600W, to 80MHz, 50V
MRF157 MA-COM-MRF157 Datasheet
327Kb / 9P
Linear RF Power MOSFET 600W, to 80MHz
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
Linear RF Power FET
MRF157 MA-COM-MRF157_15 Datasheet
327Kb / 9P
Linear RF Power MOSFET
MAPF-250128-150000 MA-COM-MAPF-250128-150000_15 Datasheet
71Kb / 2P
Linear RF Power TMOS
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
Linear RF Power FET
MRF157 MA-COM-MRF157_17 Datasheet
793Kb / 10P
Linear RF Power MOSFET
logo
IXYS Corporation
IXZ2210N50L2 IXYS-IXZ2210N50L2 Datasheet
1Mb / 7P
N-channel enhancement mode linear RF power MOSFET
IXZH10N50L2A IXYS-IXZH10N50L2A Datasheet
902Kb / 7P
N-channel enhancement mode linear RF power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com