Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF6401 Datasheet (PDF) - Motorola, Inc

MRF6401 Datasheet PDF - Motorola, Inc
Part # MRF6401
Download  MRF6401 Download
File Size   111.54 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF LINEAR POWER TRANSISTOR

MRF6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF6401 Datasheet PDF - Motorola, Inc

Part # MRF6401
Download  MRF6401 Click to download

File Size   111.54 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF LINEAR POWER TRANSISTOR

MRF6401 Datasheet (HTML) - Motorola, Inc


MRF6401 Product details

The RF Line
NPN Silicon RF Power Transistor

The MRF6401 is designed for Class A common emitter, linear power amplifiers in the 1.0 – 2.0 GHz frequency range. It has been specifically designed for use in Personal Communications Network (PCN) base station and INMARSAT Standard M applications.

• Specified 20 Volts, 1.66 GHz Characteristics:
   Output Power — 0.5 Watts
   Gain — 10 dB Min
   Class A Operation
• Specified 20 Volts, 1.88 GHz Characteristics:
   Output Power — 0.5 Watts
   Gain — 9.0 dB Min
   Class A Operation
• Circuit Board Photomaster Available by Ordering Document
   MRF6401PHT/D from Motorola Literature Distribution.




Similar Part No. - MRF6401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF6401PHT MOTOROLA-MRF6401PHT Datasheet
69Kb / 4P
NPN Silicon RF Power Transistor
More results


Similar Description - MRF6401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF157 MOTOROLA-MRF157 Datasheet
178Kb / 8P
MOS LINEAR RF POWER FET
logo
Ericsson
PTB20189 ERICSSON-PTB20189 Datasheet
47Kb / 3P
UHF TV Linear Power Transistor Cellular Radio RF Power Transistor
logo
Tyco Electronics
MRF157 MACOM-MRF157 Datasheet
190Kb / 7P
MOS LINEAR RF POWER FET
logo
Advanced Semiconductor
HXTR5104 ASI-HXTR5104 Datasheet
50Kb / 1P
LINEAR POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
Linear RF Power FET
MRF157 MA-COM-MRF157_15 Datasheet
327Kb / 9P
Linear RF Power MOSFET
MAPF-250128-150000 MA-COM-MAPF-250128-150000_15 Datasheet
71Kb / 2P
Linear RF Power TMOS
logo
Infineon Technologies A...
BFP450 INFINEON-BFP450_13 Datasheet
1Mb / 28P
Linear Low Noise Silicon Bipolar RF Transistor
Revision 1.2, 2013-07-29
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
Linear RF Power FET
MRF157 MA-COM-MRF157_17 Datasheet
793Kb / 10P
Linear RF Power MOSFET
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com