Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF173CQ Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF173CQ Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF173CQ
Download  MRF173CQ Download
File Size   229.39 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 80W, 175MHz, 28V

MRF173CQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF173CQ Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF173CQ
Download  MRF173CQ Click to download

File Size   229.39 Kbytes
Page   9 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 80W, 175MHz, 28V

MRF173CQ Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF173CQ Product details

Designed for broadband commercial and military applications up to 200 MHz frequency range. The high–power, high–gain and broadband performance of this device makes possible solid state transmitters for FM broadcast or TV channel frequency bands.





N–Channel enhancement mode MOSFET



•  Guaranteed performance at 150 MHz, 28 V:

 Output power = 80 W   Gain = 11 dB (13 dB typ.)   Efficiency = 55% Min. (60% typ.) 

•  Low thermal resistance

•  Ruggedness tested at rated output power

•  Nitride passivated die for enhance

•  ed reliability

•  Low noise figure — 1.5 dB typ. at 2.0 A, 150 MHz

•  Excellent thermal stability; suited for Class A operation




Similar Part No. - MRF173CQ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF173CQ MOTOROLA-MRF173CQ Datasheet
107Kb / 8P
N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Tyco Electronics
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
The RF MOSFET Line 80W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF173CQ NJSEMI-MRF173CQ Datasheet
103Kb / 2P
RF Power Field Effect Transistors
logo
M/A-COM Technology Solu...
MRF173CQ MA-COM-MRF173CQ_15 Datasheet
229Kb / 9P
The RF MOSFET Line
More results


Similar Description - MRF173CQ

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DU2880T MA-COM-DU2880T Datasheet
145Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880U MA-COM-DU2880U Datasheet
156Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880V MA-COM-DU2880V Datasheet
154Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
The RF MOSFET Line 80W, 175MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
The RF MOSFET Line 80W, 175MHz, 28V
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
The RF MOSFET Line 80W, 175MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com