Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF316 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF316 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF316
Download  MRF316 Download
File Size   223.9 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V

MRF316 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF316 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF316
Download  MRF316 Click to download

File Size   223.9 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V

MRF316 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF316 Product details

Designed primarily for wideband large–signal output amplifier stages in the 30–200 MHz frequency range.

• Guaranteed performance at 150 MHz, 28 Vdc
   Output power = 80 W
   Minimum gain = 10 dB
• Built–in matching network for broadband operation
• 100% tested for load mismatch at all phase angles with
   30:1 VSWR
• Gold metallization system for high reliability applications




Similar Part No. - MRF316

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF316 MOTOROLA-MRF316 Datasheet
133Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Advanced Semiconductor
MRF316 ASI-MRF316 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
logo
eleflow technologies co...
MRF316 ELEFLOW-MRF316 Datasheet
45Kb / 2P
NPN Silicon RF power transistor
More results


Similar Description - MRF316

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
The RF MOSFET Line 80W, 175MHz, 28V
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
The RF MOSFET Line 80W, 175MHz, 28V
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF173CQ MA-COM-MRF173CQ Datasheet
229Kb / 9P
The RF MOSFET Line 80W, 175MHz, 28V
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com