Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF454 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF454 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF454
Download  MRF454 Download
File Size   120.03 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V

MRF454 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF454 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF454
Download  MRF454 Click to download

File Size   120.03 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V

MRF454 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF454 Product details

Designed for power amplifier applications in industrial, commercial and amateur radio equipment to 30 MHz.

• Specified 12.5 V, 30 MHz characteristics
• Output power = 80 W
• Minimum gain = 12 dB
• Efficiency = 50%




Similar Part No. - MRF454

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF454 MOTOROLA-MRF454 Datasheet
57Kb / 4P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF454 MACOM-MRF454 Datasheet
90Kb / 3P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF454 ASI-MRF454 Datasheet
38Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor
More results


Similar Description - MRF454

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
824Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF429 MA-COM-MRF429 Datasheet
714Kb / 7P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com