Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF428 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF428 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF428
Download  MRF428 Download
File Size   824.59 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V

MRF428 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF428 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF428
Download  MRF428 Click to download

File Size   824.59 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V

MRF428 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF428 Product details

Designed primarily for high-voltage applications as a high-power linear amplifier from 2.0 to 30 MHz. Ideal for marine and base station equipment.

• Specified 50 V, 30 MHz Characteristics —
   Output power = 150 W (PEP)
   Minimum gain = 13 DB
   Efficiency = 45%
• Intermodulation distortion @ 150 W (PEP) —
   IMD = -30 db (max.)
• 100% tested for load mismatch at all phase angles with 30:1
   VSWR @ 150 W CW




Similar Part No. - MRF428

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Advanced Semiconductor
MRF428 ASI-MRF428 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF428 MA-COM-MRF428_15 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor
MRF428 MA-COM-MRF428_17 Datasheet
1Mb / 7P
The RF Line NPN Silicon Power Transistor
More results


Similar Description - MRF428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
MRF429 MA-COM-MRF429 Datasheet
222Kb / 7P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF429 MA-COM-MRF429 Datasheet
714Kb / 7P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com