Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF422 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF422 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF422
Download  MRF422 Download
File Size   236.16 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V

MRF422 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF422 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF422
Download  MRF422 Click to download

File Size   236.16 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V

MRF422 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF422 Product details

Designed primarily for applications as a high–power linear amplifier from 2.0 to 30 MHz.

• Specified 28 V, 30 MHz characteristics —
   Output power = 150 W (PEP)
   Minimum gain = 10 dB
   Efficiency = 40%
• Intermodulation distortion @ 150 W (PEP) —IMD = –30 dB (min.)
• 100% tested for load mismatch at all phase angles with 30:1 VSWR




Similar Part No. - MRF422

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
The RF Line NPN Silicon RF Power Transistor
logo
Advanced Semiconductor
MRF422 ASI-MRF422 Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
eleflow technologies co...
MRF422 ELEFLOW-MRF422 Datasheet
39Kb / 1P
NPN Silicon RF power transistor
More results


Similar Description - MRF422

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
824Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF429 MA-COM-MRF429 Datasheet
222Kb / 7P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF429 MA-COM-MRF429 Datasheet
714Kb / 7P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com