Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF422 Datasheet (PDF) - Tyco Electronics

MRF422 Datasheet PDF - Tyco Electronics
Part # MRF422
Download  MRF422 Download
File Size   132.06 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The RF Line NPN Silicon RF Power Transistor

MRF422 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF422 Datasheet PDF - Tyco Electronics

Part # MRF422
Download  MRF422 Click to download

File Size   132.06 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The RF Line NPN Silicon RF Power Transistor

MRF422 Datasheet (HTML) - Tyco Electronics


MRF422 Product details

The RF Line
NPN Silicon RF Power Transistor

Designed primarily for applications as a high–power linear amplifier from 2.0 to 30 MHz.

• Specified 28 Volt, 30 MHz Characteristics —
   Output Power = 150 W (PEP)
   Minimum Gain = 10 dB
   Efficiency = 40%
• Intermodulation Distortion @ 150 W (PEP) —
   IMD = –30 dB (Min)
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR




Similar Part No. - MRF422

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
RF POWER TRANSISTORS NPN SILICON
logo
Advanced Semiconductor
MRF422 ASI-MRF422 Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
eleflow technologies co...
MRF422 ELEFLOW-MRF422 Datasheet
39Kb / 1P
NPN Silicon RF power transistor
More results


Similar Description - MRF422

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
The RF Line NPN Silicon RF Power Transistor
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com