Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF428 Datasheet (PDF) - Tyco Electronics

MRF428 Datasheet PDF - Tyco Electronics
Part # MRF428
Download  MRF428 Download
File Size   628.31 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The RF Line NPN Silicon RF Power Transistor

MRF428 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF428 Datasheet PDF - Tyco Electronics

Part # MRF428
Download  MRF428 Click to download

File Size   628.31 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The RF Line NPN Silicon RF Power Transistor

MRF428 Datasheet (HTML) - Tyco Electronics


MRF428 Product details

The RF Line
NPN Silicon RF Power Transistor

Designed primarily for high-voltage applications as a high-power linear amplifier from 2.0 to 30 MHz. Ideal for marine and base station equipment.

• Specified 50 Volt, 30 MHz Characteristics —
   Output Power = 150 W (PEP)
   Minimum Gain = 13 DB
   Efficiency = 45%
• Intermodulation Distortion @ 150 W (PEP) —
   IMD = -32 db (Max)
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
   @ 150 W CW






Similar Part No. - MRF428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF428 MA-COM-MRF428 Datasheet
824Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
Advanced Semiconductor
MRF428 ASI-MRF428 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF428 MA-COM-MRF428_15 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor
MRF428 MA-COM-MRF428_17 Datasheet
1Mb / 7P
The RF Line NPN Silicon Power Transistor
More results


Similar Description - MRF428

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
The RF Line NPN Silicon RF Power Transistor
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com