Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF317 Datasheet (PDF) - Tyco Electronics

MRF317 Datasheet PDF - Tyco Electronics
Part # MRF317
Download  MRF317 Download
File Size   144.53 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The RF Line NPN Silicon RF Power Transistor

MRF317 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF317 Datasheet PDF - Tyco Electronics

Part # MRF317
Download  MRF317 Click to download

File Size   144.53 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description The RF Line NPN Silicon RF Power Transistor

MRF317 Datasheet (HTML) - Tyco Electronics


MRF317 Product details

The RF Line
​​​​​​​NPN Silicon RF Power Transistors

. . . designed primarily for wideband large–signal output amplifier stages in 30–200 MHz frequency range.

• Guaranteed Performance at 150 MHz, 28 Vdc
   Output Power = 100 W
   Minimum Gain = 9.0 dB
• Built–In Matching Network for Broadband Operation
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability
• High Output Saturation Power — Ideally Suited for 30 W Carrier/120 W
   Peak AM Amplifier Service
• Guaranteed Performance in Broadband Test Fixture




Similar Part No. - MRF317

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF317 MOTOROLA-MRF317 Datasheet
115Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
logo
Advanced Semiconductor
MRF317 ASI-MRF317 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
logo
eleflow technologies co...
MRF317 ELEFLOW-MRF317 Datasheet
46Kb / 2P
NPN Silicon RF power transistor
More results


Similar Description - MRF317

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
The RF Line NPN Silicon RF Power Transistor
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com