Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF317 Datasheet (PDF) - Motorola, Inc

MRF317 Datasheet PDF - Motorola, Inc
Part # MRF317
Download  MRF317 Download
File Size   115.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description BROADBAND RF POWER TRANSISTOR NPN SILICON

MRF317 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF317 Datasheet PDF - Motorola, Inc

Part # MRF317
Download  MRF317 Click to download

File Size   115.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description BROADBAND RF POWER TRANSISTOR NPN SILICON

MRF317 Datasheet (HTML) - Motorola, Inc


MRF317 Product details

The RF Line
​​​​​​​NPN Silicon RF Power Transistors

. . . designed primarily for wideband large–signal output amplifier stages in 30–200 MHz frequency range.

• Guaranteed Performance at 150 MHz, 28 Vdc
   Output Power = 100 W
   Minimum Gain = 9.0 dB
• Built–In Matching Network for Broadband Operation
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability
• High Output Saturation Power — Ideally Suited for 30 W Carrier/120 W
   Peak AM Amplifier Service
• Guaranteed Performance in Broadband Test Fixture




Similar Part No. - MRF317

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
logo
Advanced Semiconductor
MRF317 ASI-MRF317 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
logo
eleflow technologies co...
MRF317 ELEFLOW-MRF317 Datasheet
46Kb / 2P
NPN Silicon RF power transistor
More results


Similar Description - MRF317

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF316 MOTOROLA-MRF316 Datasheet
133Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF325 MOTOROLA-MRF325 Datasheet
95Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF326 MOTOROLA-MRF326 Datasheet
107Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF329 MOTOROLA-MRF329 Datasheet
107Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF338 MOTOROLA-MRF338 Datasheet
132Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BFT12 SIEMENS-BFT12 Datasheet
88Kb / 4P
NPN SILICON RF BROADBAND TRANSISTOR
BFT75 SIEMENS-BFT75 Datasheet
68Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
BFW30 SIEMENS-BFW30 Datasheet
61Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
BFW93 SIEMENS-BFW93 Datasheet
63Kb / 3P
NPN SILICON RF BROADBAND TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com