Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF317 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF317 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF317
Download  MRF317 Download
File Size   220.2 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V

MRF317 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF317 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF317
Download  MRF317 Click to download

File Size   220.2 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V

MRF317 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF317 Product details

Designed primarily for wideband large–signal output amplifier stages in 30–200 MHz frequency range.

• Guaranteed performance at 150 MHz, 28 Vdc
   Output power = 100 W
   Minimum gain = 9.0 dB
• Built–in matching network for broadband operation
• 100% tested for load mismatch at all phase angles with
   30:1 VSWR
• Gold metallization system for high reliability
• High output saturation power — ideally suited for 30 W
   carrier/120 W
• Peak AM amplifier service
• Guaranteed performance in broadband test fixture




Similar Part No. - MRF317

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF317 MOTOROLA-MRF317 Datasheet
115Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
Advanced Semiconductor
MRF317 ASI-MRF317 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
logo
eleflow technologies co...
MRF317 ELEFLOW-MRF317 Datasheet
46Kb / 2P
NPN Silicon RF power transistor
More results


Similar Description - MRF317

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com