Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF314 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF314 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF314
Download  MRF314 Download
File Size   228.74 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V

MRF314 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF314 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF314
Download  MRF314 Click to download

File Size   228.74 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V

MRF314 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF314 Product details

Designed primarily for wideband large–signal driver and output amplifier stages in the 30–200 MHz frequency range.

• Guaranteed performance at 150 MHz, 28 Vdc
   Output power = 30 W
   Minimum gain = 10 dB
• 100% tested for load mismatch at all phase angles with
   30:1 VSWR
• Gold metallization system for high reliability applications




Similar Part No. - MRF314

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
RF POWER TRANSISTORS NPN SILICON
logo
Advanced Semiconductor
MRF314 ASI-MRF314 Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
logo
eleflow technologies co...
MRF314 ELEFLOW-MRF314 Datasheet
271Kb / 6P
NPN Silicon RF Power Transistor
More results


Similar Description - MRF314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF16030 MA-COM-MRF16030 Datasheet
170Kb / 6P
The RF Line NPN Silicon Power Transistor 30W, 1.6GHz, 28V
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
MRF317 MA-COM-MRF317 Datasheet
220Kb / 6P
The RF Line NPN Silicon Power Transistor 100W, 30-200MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com