Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF314 Datasheet (PDF) - Tyco Electronics

MRF314 Datasheet PDF - Tyco Electronics
Part # MRF314
Download  MRF314 Download
File Size   200.47 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF POWER TRANSISTORS NPN SILICON

MRF314 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF314 Datasheet PDF - Tyco Electronics

Part # MRF314
Download  MRF314 Click to download

File Size   200.47 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF POWER TRANSISTORS NPN SILICON

MRF314 Datasheet (HTML) - Tyco Electronics


MRF314 Product details

The RF Line
NPN Silicon
RF Power Transistors

. . . designed primarily for wideband large–signal driver and output amplifier stages in the 30–200 MHz frequency range.

• Guaranteed Performance at 150 MHz, 28 Vdc
   Output Power = 30 Watts
   Minimum Gain = 10 dB
• 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability Applications




Similar Part No. - MRF314

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
RF POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
logo
Advanced Semiconductor
MRF314 ASI-MRF314 Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF314 MA-COM-MRF314 Datasheet
228Kb / 5P
The RF Line NPN Silicon Power Transistor 30W, 30-200MHz, 28V
logo
eleflow technologies co...
MRF314 ELEFLOW-MRF314 Datasheet
271Kb / 6P
NPN Silicon RF Power Transistor
More results


Similar Description - MRF314

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF421 MOTOROLA-MRF421 Datasheet
102Kb / 4P
RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
RF POWER TRANSISTORS NPN SILICON
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
RF POWER TRANSISTORS NPN SILICON
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
NPN SILICON RF POWER TRANSISTORS
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
NPN SILICON RF POWER TRANSISTORS
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
NPN Silicon RF Power Transistors
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com