Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF421 Datasheet (PDF) - Motorola, Inc

MRF421 Datasheet PDF - Motorola, Inc
Part # MRF421
Download  MRF421 Download
File Size   102.95 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER TRANSISTORS NPN SILICON

MRF421 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF421 Datasheet PDF - Motorola, Inc

Part # MRF421
Download  MRF421 Click to download

File Size   102.95 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER TRANSISTORS NPN SILICON

MRF421 Datasheet (HTML) - Motorola, Inc


MRF421 Product details

The RF Line
​​​​​​​NPN Silicon RF Power Transistor

Designed primarily for application as a high–power linear amplifier from 2.0 to 30 MHz.

• Specified 12.5 Volt, 30 MHz Characteristics —
   Output Power = 100 W (PEP)
   Minimum Gain = 10 dB
   Efficiency = 40%
• Intermodulation Distortion @ 100 W (PEP) —
   IMD = –30 dB (Min)
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR




Similar Part No. - MRF421

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
logo
Advanced Semiconductor
MRF421 ASI-MRF421 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
logo
New Jersey Semi-Conduct...
MRF421 NJSEMI-MRF421 Datasheet
94Kb / 2P
Designed primarily for application as a high-power linear amplifier from 2.0 to 30 MHz
More results


Similar Description - MRF421

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
RF POWER TRANSISTORS NPN SILICON
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
RF POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
NPN SILICON RF POWER TRANSISTORS
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
NPN SILICON RF POWER TRANSISTORS
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
NPN Silicon RF Power Transistors
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com