Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6082 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6082 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6082
Download  2N6082 Download
File Size   83.79 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN SILICON RF POWER TRANSISTORS

2N6082 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6082 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6082
Download  2N6082 Click to download

File Size   83.79 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN SILICON RF POWER TRANSISTORS

2N6082 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6082 Product details

NPN SILICON RF POWER TRANSISTORS

... designed for 12.5 Volt VHF large-signal amplifier applications required in commercial and industrial equipment operating to 300 MHz

● Specified 12.5 Volt, 175 MHz Characteristics -
   Output Power = 25 W
   Minimum Gain = 6.2 dB
   Efficiency = 65%




Similar Part No. - 2N6082

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6082 MICROSEMI-2N6082 Datasheet
279Kb / 5P
RF & MICROWAVE TRANSISTORS 130... 230 MHZ FM MODULE APPLICATIONS
logo
List of Unclassifed Man...
2N6082 ETC1-2N6082 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
More results


Similar Description - 2N6082

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1946 MOTOROLA-MRF1946 Datasheet
141Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
RF POWER TRANSISTORS NPN SILICON
MRF421 MOTOROLA-MRF421 Datasheet
102Kb / 4P
RF POWER TRANSISTORS NPN SILICON
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
RF POWER TRANSISTORS NPN SILICON
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
RF POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
NPN SILICON RF POWER TRANSISTORS
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
NPN Silicon RF Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com