Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF321 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF321 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF321
Download  MRF321 Download
File Size   224.46 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V

MRF321 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF321 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF321
Download  MRF321 Click to download

File Size   224.46 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V

MRF321 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF321 Product details

The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V

Designed primarily for wideband large–signal driver and predriver amplifier stages in 200–500 MHz frequency range.

● Guaranteed performance at 400 MHz, 28 Vdc
   Output power = 10 W
   Power gain = 12 dB min.
   Efficiency = 50% min.
● 100% tested for load mismatch at all phase angles
   with 30:1 VSWR
● Gold metallization system for high reliability
● Computer–controlled wirebonding gives consistent
   input Impedance




Similar Part No. - MRF321

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF321 MOTOROLA-MRF321 Datasheet
114Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF321 MACOM-MRF321 Datasheet
184Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF321 ASI-MRF321 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
logo
New Jersey Semi-Conduct...
MRF321 NJSEMI-MRF321 Datasheet
93Kb / 2P
NPN Silicon RF Power Transistor
More results


Similar Description - MRF321

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com