Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF313 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF313 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF313
Download  MRF313 Download
File Size   113.98 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V

MRF313 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF313 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF313
Download  MRF313 Click to download

File Size   113.98 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V

MRF313 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF313 Product details

The RF Line NPN Silicon High-Frequency Transistor
1.0W, 400MHz, 28V
   
Designed for wideband amplifier, driver or oscillator applications in military, mobile, and aircraft radio.
   
• Specified 28 V, 400 MHz characteristics —
    Output power = 1.0 W
    Power gain = 15 dB min.
    Efficiency = 45% typ.
• Emitter ballast and low current density for improved MTBF
• Common emitter for improved stability
   




Similar Part No. - MRF313

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF313 MOTOROLA-MRF313 Datasheet
63Kb / 4P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF313 MACOM-MRF313 Datasheet
84Kb / 3P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF313 ASI-MRF313 Datasheet
131Kb / 1P
NPN SILICON RF TRANSISTOR
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
More results


Similar Description - MRF313

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com