Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF323 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF323 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF323
Download  MRF323 Download
File Size   223.43 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V

MRF323 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF323 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF323
Download  MRF323 Click to download

File Size   223.43 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V

MRF323 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF323 Product details

Designed primarily for wideband large–signal driver and predriver amplifier stages in the 200–500 MHz frequency range.

• Guaranteed performance at 400 MHz, 28 V
   Output power = 20 W
   Power gain = 10 dB min.
   Efficiency = 50% min.
• 100% tested for load mismatch at all phase angles with 30:1 VSWR
• Gold metallization system for high reliability
• Computer–controlled wirebonding gives consistent input impedance




Similar Part No. - MRF323

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF323 MOTOROLA-MRF323 Datasheet
110Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF323 MACOM-MRF323 Datasheet
184Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF323 ASI-MRF323 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
logo
New Jersey Semi-Conduct...
MRF323 NJSEMI-MRF323 Datasheet
98Kb / 2P
Designed primarily for wideband large-signal driver and predriver amplifier stages in the 200-500 MHz frequency range
More results


Similar Description - MRF323

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2N6439 MA-COM-2N6439 Datasheet
213Kb / 6P
The RF Line NPN Silicon Power Transistor 60W, 225 to 400MHz, 28V
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU Datasheet
238Kb / 7P
The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
The RF MOSFET Line 100W, 400MHz, 28V
MRF321 MA-COM-MRF321 Datasheet
224Kb / 5P
The RF Line NPN Silicon Power Transistor 10W, 400MHz, 28V
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
MRF175LU MA-COM-MRF175LU_17 Datasheet
703Kb / 8P
The RF MOSFET Line 100W, 400MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com