Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF323 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF323 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF323
Download  MRF323 Download
File Size   98.7 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Designed primarily for wideband large-signal driver and predriver amplifier stages in the 200-500 MHz frequency range

MRF323 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF323 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF323
Download  MRF323 Click to download

File Size   98.7 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Designed primarily for wideband large-signal driver and predriver amplifier stages in the 200-500 MHz frequency range

MRF323 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF323 Product details

Designed primarily for wideband large–signal driver and predriver amplifier stages in the 200–500 MHz frequency range.

• Guaranteed Performance at 400 MHz, 28 V
   Output Power = 20 Watts
   Power Gain = 10 dB Min
   Efficiency = 50% Min
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability
• Computer–Controlled Wirebonding Gives Consistent Input Impedance




Similar Part No. - MRF323

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF323 MOTOROLA-MRF323 Datasheet
110Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF323 MACOM-MRF323 Datasheet
184Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
logo
Advanced Semiconductor
MRF323 ASI-MRF323 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
More results


Similar Description - MRF323

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
6DQ6B GEC-6DQ6B Datasheet
306Kb / 4P
BEAM-POWER PENTODE PRIMARILY DESIGNED FOR USE AS THE HORIZONTAL-DEFLECTION AMPLIFIER IN TELEVISION RECEIVERS.
logo
New Jersey Semi-Conduct...
2SC1940 NJSEMI-2SC1940_13 Datasheet
123Kb / 2P
The 2SC1940 is designed for use in driver stages of audio frequency amplifiers
logo
E-Tech Electronics LTD
GBC338 ETL-GBC338 Datasheet
189Kb / 3P
The GBC338 is designed for drive and output-stages of audio amplifiers
GBC546 ETL-GBC546 Datasheet
167Kb / 2P
The GBC546 is designed for drive and output-stages of audio amplifiers
GBC558 ETL-GBC558 Datasheet
186Kb / 2P
The GBC558 is designed for drive and output-stages of audio amplifiers
GSA684 ETL-GSA684 Datasheet
146Kb / 1P
The GSA684 is designed for power amplifier and driver
GSB649A ETL-GSB649A Datasheet
549Kb / 3P
The GSB649A is designed for frequency power amplifier
logo
API Delevan
LC8501 API-LC8501 Datasheet
144Kb / 3P
Low Cost RF Amplifier Frequency Range: 10-500 MHz
LC8502 API-LC8502 Datasheet
144Kb / 3P
Low Cost RF Amplifier Frequency Range: 10-500 MHz
TN9560 API-TN9560 Datasheet
162Kb / 3P
Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com