Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF323 Datasheet (PDF) - Tyco Electronics

MRF323 Datasheet PDF - Tyco Electronics
Part # MRF323
Download  MRF323 Download
File Size   184.96 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF POWER TRANSISTOR NPN SILICON

MRF323 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF323 Datasheet PDF - Tyco Electronics

Part # MRF323
Download  MRF323 Click to download

File Size   184.96 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF POWER TRANSISTOR NPN SILICON

MRF323 Datasheet (HTML) - Tyco Electronics


MRF323 Product details

The RF Line
NPN Silicon RF Power Transistor

. . . designed primarily for wideband large–signal driver and predriver amplifier stages in the 200–500 MHz frequency range.

• Guaranteed Performance at 400 MHz, 28 V
   Output Power = 20 Watts
   Power Gain = 10 dB Min
   Efficiency = 50% Min
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability
• Computer–Controlled Wirebonding Gives Consistent Input Impedance




Similar Part No. - MRF323

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF323 MOTOROLA-MRF323 Datasheet
110Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
logo
Advanced Semiconductor
MRF323 ASI-MRF323 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF323 MA-COM-MRF323 Datasheet
223Kb / 5P
The RF Line NPN Silicon Power Transistor 20W, 400MHz, 28V
logo
New Jersey Semi-Conduct...
MRF323 NJSEMI-MRF323 Datasheet
98Kb / 2P
Designed primarily for wideband large-signal driver and predriver amplifier stages in the 200-500 MHz frequency range
More results


Similar Description - MRF323

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com