Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF393 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF393 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF393
Download  MRF393 Download
File Size   202.76 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V

MRF393 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF393 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF393
Download  MRF393 Click to download

File Size   202.76 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V

MRF393 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF393 Product details

Designed primarily for wideband large–signal output and driver amplifier stages in the 30 to 500 MHz frequency range.

• Specified 28 V, 500 MHz characteristics —
   Output power = 100 W
   Typical gain = 9.5 dB (Class AB); 8.5 dB (Class C)
   Efficiency = 55% (typ.)
• Built–in input impedance matching networks for broadband operation
• Push–pull configuration reduces even numbered harmonics
• Gold metallization system for high reliability
• 100% tested for load mismatch




Similar Part No. - MRF393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF393 MOTOROLA-MRF393 Datasheet
118Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
The RF Line NPN Silicon Push-Pull RF Power Transistor
logo
M/A-COM Technology Solu...
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
logo
New Jersey Semi-Conduct...
MRF393 NJSEMI-MRF393 Datasheet
93Kb / 2P
NPN Silicon Push-Pull RF Power TVansistor
logo
M/A-COM Technology Solu...
MRF393 MA-COM-MRF393_15 Datasheet
202Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results


Similar Description - MRF393

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF275L MA-COM-MRF275L_17 Datasheet
1Mb / 18P
The RF MOSFET Line 100W, 500MHz, 28V
MRF327 MA-COM-MRF327_17 Datasheet
753Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392_17 Datasheet
685Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393_17 Datasheet
659Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com