Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF327 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF327 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF327
Download  MRF327 Download
File Size   239.04 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V

MRF327 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF327 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF327
Download  MRF327 Click to download

File Size   239.04 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V

MRF327 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF327 Product details

Designed primarily for wideband large–signal output amplifier stages in the 100 to 500 MHz frequency range.

• Guaranteed performance @ 400 MHz, 28 Vdc
   Output power = 80 W over 225 to 400 MHz Band
   Minimum gain = 7.3 dB @ 400 MHz
• Built–in matching network for broadband operation using
   double match technique
• 100% tested for load mismatch at all phase angles with 30:1
   VSWR
• Gold metallization system for high reliability applications
• Characterized for 100 =8 500 MHz




Similar Part No. - MRF327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
logo
New Jersey Semi-Conduct...
MRF327 NJSEMI-MRF327 Datasheet
89Kb / 2P
NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327_15 Datasheet
239Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results


Similar Description - MRF327

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF158 MA-COM-MRF158 Datasheet
880Kb / 18P
The Broadband RF TMOS짰 2W, 500MHz, 28V
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF327 MA-COM-MRF327_17 Datasheet
753Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392_17 Datasheet
685Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393_17 Datasheet
659Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com