Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF327 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF327 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF327
Download  MRF327 Download
File Size   89.69 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon RF Power Transistor

MRF327 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF327 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF327
Download  MRF327 Click to download

File Size   89.69 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon RF Power Transistor

MRF327 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF327 Product details

The RF Line
NPN Silicon RF Power Transistor

. . . designed primarily for wideband large–signal output amplifier stages in the 100 to 500 MHz frequency range.

• Guaranteed Performance @ 400 MHz, 28 Vdc
   Output Power = 80 Watts over 225 to 400 MHz Band
   Minimum Gain = 7.3 dB @ 400 MHz
• Built–In Matching Network for Broadband Operation Using Double Match
   Technique
• 100% Tested for Load Mismatch at all Phase Angles with 30:1 VSWR
• Gold Metallization System for High Reliability Applications
• Characterized for 100 to 500 MHz




Similar Part No. - MRF327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF327 MA-COM-MRF327_15 Datasheet
239Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results


Similar Description - MRF327

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com