Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF393 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF393 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF393
Download  MRF393 Download
File Size   93.29 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon Push-Pull RF Power TVansistor

MRF393 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF393 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF393
Download  MRF393 Click to download

File Size   93.29 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN Silicon Push-Pull RF Power TVansistor

MRF393 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF393 Product details

The RF Line
NPN Silicon Push-Pull RF Power Transistor

. . . designed primarily for wideband large–signal output and driver amplifier stages in the 30 to 500 MHz frequency range.

• Specified 28 Volt, 500 MHz Characteristics —
   Output Power = 100 W
   Typical Gain = 9.5 dB (Class AB); 8.5 dB (Class C)
   Efficiency = 55% (Typ)
• Built–In Input Impedance Matching Networks for Broadband Operation
• Push–Pull Configuration Reduces Even Numbered Harmonics
• Gold Metallization System for High Reliability
• 100% Tested for Load Mismatch




Similar Part No. - MRF393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF393 MOTOROLA-MRF393 Datasheet
118Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
The RF Line NPN Silicon Push-Pull RF Power Transistor
logo
M/A-COM Technology Solu...
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393_15 Datasheet
202Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results


Similar Description - MRF393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF392 MOTOROLA-MRF392 Datasheet
145Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
MRF393 MOTOROLA-MRF393 Datasheet
118Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF392 MACOM-MRF392 Datasheet
165Kb / 4P
Tthe RF Line NPN Silicon Push-Pull RF Power Transistor
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
The RF Line NPN Silicon Push-Pull RF Power Transistor
logo
Polyfet RF Devices
LK722 POLYFET-LK722 Datasheet
60Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR Push - Pull
logo
Microsemi Corporation
ARF475FL MICROSEMI-ARF475FL Datasheet
485Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF476FL MICROSEMI-ARF476FL Datasheet
189Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF477FL MICROSEMI-ARF477FL Datasheet
159Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF476FL MICROSEMI-ARF476FL_10 Datasheet
156Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
ARF477FL MICROSEMI-ARF477FL_10 Datasheet
151Kb / 4P
RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com