Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF393 Datasheet (PDF) - Motorola, Inc

MRF393 Datasheet PDF - Motorola, Inc
Part # MRF393
Download  MRF393 Download
File Size   118.65 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON

MRF393 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF393 Datasheet PDF - Motorola, Inc

Part # MRF393
Download  MRF393 Click to download

File Size   118.65 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON

MRF393 Datasheet (HTML) - Motorola, Inc


MRF393 Product details

The RF Line NPN Silicon Push-Pull RF Power Transistor



. . . designed primarily for wideband large–signal output and driver amplifier stages in the 30 to 500 MHz frequency range.



• Specified 28 Volt, 500 MHz Characteristics —

   Output Power = 100 W

   Typical Gain = 9.5 dB (Class AB); 8.5 dB (Class C)

   Efficiency = 55% (Typ)

• Built–In Input Impedance Matching Networks for Broadband Operation

• Push–Pull Configuration Reduces Even Numbered Harmonics

• Gold Metallization System for High Reliability

• 100% Tested for Load Mismatch

• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.



 




Similar Part No. - MRF393

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
The RF Line NPN Silicon Push-Pull RF Power Transistor
logo
M/A-COM Technology Solu...
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
logo
New Jersey Semi-Conduct...
MRF393 NJSEMI-MRF393 Datasheet
93Kb / 2P
NPN Silicon Push-Pull RF Power TVansistor
logo
M/A-COM Technology Solu...
MRF393 MA-COM-MRF393_15 Datasheet
202Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results


Similar Description - MRF393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF316 MOTOROLA-MRF316 Datasheet
133Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF317 MOTOROLA-MRF317 Datasheet
115Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF325 MOTOROLA-MRF325 Datasheet
95Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF326 MOTOROLA-MRF326 Datasheet
107Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF338 MOTOROLA-MRF338 Datasheet
132Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF392 MOTOROLA-MRF392 Datasheet
145Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF392 MACOM-MRF392 Datasheet
165Kb / 4P
Tthe RF Line NPN Silicon Push-Pull RF Power Transistor
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
The RF Line NPN Silicon Push-Pull RF Power Transistor
logo
New Jersey Semi-Conduct...
MRF393 NJSEMI-MRF393 Datasheet
93Kb / 2P
NPN Silicon Push-Pull RF Power TVansistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com