Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF392 Datasheet (PDF) - Tyco Electronics

MRF392 Datasheet PDF - Tyco Electronics
Part # MRF392
Download  MRF392 Download
File Size   165.13 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Tthe RF Line NPN Silicon Push-Pull RF Power Transistor

MRF392 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF392 Datasheet PDF - Tyco Electronics

Part # MRF392
Download  MRF392 Click to download

File Size   165.13 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Tthe RF Line NPN Silicon Push-Pull RF Power Transistor

MRF392 Datasheet (HTML) - Tyco Electronics


MRF392 Product details

The RF Line
NPN Silicon Broadband Push–Pull RF Power Transistor

Designed primarily for wideband large–signal output and driver amplifier stages in the 30 to 500 MHz frequency range.

• Specified 28 Volt, 400 MHz Characteristics —
   Output Power = 125 W
   Typical Gain = 10 dB
   Efficiency = 55% (Typ)
• Built–In Input Impedance Matching Networks for Broadband Operation
• Push–Pull Configuration Reduces Even Numbered Harmonics
• Gold Metallization System for High Reliability
• 100% Tested for Load Mismatch




Similar Part No. - MRF392

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF392 MOTOROLA-MRF392 Datasheet
145Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
logo
Advanced Semiconductor
MRF392 ASI-MRF392 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392_15 Datasheet
222Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results


Similar Description - MRF392

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF392 MOTOROLA-MRF392 Datasheet
145Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
MRF393 MOTOROLA-MRF393 Datasheet
118Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF393 MACOM-MRF393 Datasheet
138Kb / 4P
The RF Line NPN Silicon Push-Pull RF Power Transistor
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
The RF Line NPN Silicon RF Power Transistor
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
New Jersey Semi-Conduct...
MRF393 NJSEMI-MRF393 Datasheet
93Kb / 2P
NPN Silicon Push-Pull RF Power TVansistor
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
The RF Line NPN Silicon RF Power Transistor
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com