Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF455 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF455 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF455
Download  MRF455 Download
File Size   141.46 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V

MRF455 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF455 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF455
Download  MRF455 Click to download

File Size   141.46 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V

MRF455 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF455 Product details

The RF Line NPN Silicon Power Transistor
60W, 30MHz, 12.5V

Designed for power amplifier applications in industrial, commercial and amateur radio equipment to 30 MHz.

• Specified 12.5 V, 30 MHz characteristics —
   Output power = 60 W
   Minimum gain = 13 dB
   Efficiency = 55%




Similar Part No. - MRF455

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF455 MOTOROLA-MRF455 Datasheet
75Kb / 4P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
logo
New Jersey Semi-Conduct...
MRF455 NJSEMI-MRF455 Datasheet
90Kb / 2P
The RF Line
logo
M/A-COM Technology Solu...
MRF455 MA-COM-MRF455_15 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor
More results


Similar Description - MRF455

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
824Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF429 MA-COM-MRF429 Datasheet
714Kb / 7P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com