Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF448 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF448 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF448
Download  MRF448 Download
File Size   202.76 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V

MRF448 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF448 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF448
Download  MRF448 Click to download

File Size   202.76 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V

MRF448 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF448 Product details

Designed primarily for high–voltage applications as a high–power linear amplifiers from 2.0 to 30 MHz. Ideal for marine and base station equipment.

• Specified 50 V, 30 MHz characteristics
   Output power = 250 W
   Minimum gain = 12 dB
   Efficiency = 45%
• Intermodulation distortion @ 250 W (PEP) —
   IMD = –30 dB (max)
• 100% tested for load mismatch at all phase angles with 3:1 VSWR




Similar Part No. - MRF448

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF448 MOTOROLA-MRF448 Datasheet
108Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF448 MACOM-MRF448 Datasheet
135Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF448 ASI-MRF448 Datasheet
40Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
logo
New Jersey Semi-Conduct...
MRF448 NJSEMI-MRF448 Datasheet
87Kb / 2P
NPN Silicon RF Power Transistor
More results


Similar Description - MRF448

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF421 MA-COM-MRF421 Datasheet
189Kb / 5P
The RF Line NPN Silicon Power Transistor 100W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
824Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
MRF422 MA-COM-MRF422 Datasheet
236Kb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF429 MA-COM-MRF429 Datasheet
714Kb / 7P
The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF448 MA-COM-MRF448 Datasheet
202Kb / 7P
The RF Line NPN Silicon Power Transistor 250W, 30MHz, 50V
MRF454 MA-COM-MRF454 Datasheet
120Kb / 4P
The RF Line NPN Silicon Power Transistor 80W, 30MHz, 12.5V
MRF455 MA-COM-MRF455 Datasheet
141Kb / 4P
The RF Line NPN Silicon Power Transistor 60W, 30MHz, 12.5V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com