Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF175GV Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF175GV Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF175GV
Download  MRF175GV Download
File Size   447.7 Kbytes
Page   16 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 200/150W, 500MHz, 28V

MRF175GV Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF175GV Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF175GV
Download  MRF175GV Click to download

File Size   447.7 Kbytes
Page   16 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF MOSFET Line 200/150W, 500MHz, 28V

MRF175GV Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF175GV Product details

Designed for broadband commercial and military applications using push pull circuits at frequencies to 500 MHz. The high power, high gain and broadband performance of these devices makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

N–Channel enhancement mode

• Guaranteed performance
   MRF175GV @ 28 V, 225 MHz (“V” Suffix)
      Output power — 200 W
      Power gain — 14 dB typ
      Efficiency — 65% typ`
• 100% ruggedness tested at rated output power
• Low thermal resistance
• Low Crss — 20 pF typ @ VDS = 28 V




Similar Part No. - MRF175GV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175GV MOTOROLA-MRF175GV Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175GV MACOM-MRF175GV Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GV MACOM-MRF175GV Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Advanced Semiconductor
MRF175GV ASI-MRF175GV Datasheet
22Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF175GV NJSEMI-MRF175GV Datasheet
110Kb / 2P
RF Power Field-Effect Transistors
More results


Similar Description - MRF175GV

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF176GU MA-COM-MRF176GU Datasheet
397Kb / 12P
The RF MOSFET Line 200/150W, 500MHz, 50V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF176GU MA-COM-MRF176GU Datasheet
397Kb / 12P
The RF MOSFET Line 200/150W, 500MHz, 50V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
The RF MOSFET Line 150W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
MRF175GU MA-COM-MRF175GU_17 Datasheet
1Mb / 17P
The RF MOSFET Line 200/150W, 500MHz, 28V
MRF176GU MA-COM-MRF176GU_17 Datasheet
963Kb / 13P
The RF MOSFET Line 200/150W, 500MHz, 50V
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
The RF MOSFET Line 150W, 500MHz, 28V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com