Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF175GV Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF175GV Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF175GV
Download  MRF175GV Download
File Size   110.09 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field-Effect Transistors

MRF175GV Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF175GV Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF175GV
Download  MRF175GV Click to download

File Size   110.09 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field-Effect Transistors

MRF175GV Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF175GV Product details

The RF MOSFET Line
RF Power
​​​​​​​Field-Effect Transistors
N–Channel Enhancement–Mode

Designedfor broadband commercial and military applications using push pull circuitsat frequencies to 500 MHz. The high power, high gain and broadband performanceof these devices makes possible solid state transmitters for FM broadcast or TV channel frequency bands.

• Guaranteed Performance
   MRF175GV @ 28 V, 225 MHz (“V” Suffix)
      Output Power — 200 Watts
      Power Gain — 14 dB Typ
      Efficiency — 65% Typ
   MRF175GU @ 28 V, 400 MHz (“U” Suffix)
      Output Power — 150 Watts
      Power Gain — 12 dB Typ
      Efficiency — 55% Typ
• 100% Ruggedness Tested At Rated Output Power
• Low Thermal Resistance
• Low Crss — 20 pF Typ @ VDS = 28




Similar Part No. - MRF175GV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF175GV MOTOROLA-MRF175GV Datasheet
183Kb / 8P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF175GV MACOM-MRF175GV Datasheet
214Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GV MACOM-MRF175GV Datasheet
209Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
M/A-COM Technology Solu...
MRF175GV MA-COM-MRF175GV Datasheet
447Kb / 16P
The RF MOSFET Line 200/150W, 500MHz, 28V
logo
Advanced Semiconductor
MRF175GV ASI-MRF175GV Datasheet
22Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
More results


Similar Description - MRF175GV

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com