Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF3104 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF3104 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF3104
Download  MRF3104 Download
File Size   149.9 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line: Microwave Linear Power Transistors 0.5-1.6W, 1.55-1.65GHz, 20V

MRF3104 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF3104 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF3104
Download  MRF3104 Click to download

File Size   149.9 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description The RF Line: Microwave Linear Power Transistors 0.5-1.6W, 1.55-1.65GHz, 20V

MRF3104 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF3104 Product details

The RF Line : Microwave Linear Power Transistors

• Designed for Class A, Common Emitter Linear Power Amplifiers.
• Specified 20 Volt, 1.6 GHz Characteristics:

                                           MRF3104              MRF3105            MRF3106
         Output Power                0.5 W                    0.8 W                  1.6 W
         Power Gain                  10.5 dB                    9 dB                    8 dB

• Low Parasitic Microwave Stripline Package
• Gold Metalization for Improved Reliability
• Diffused Ballast Resistors




Similar Part No. - MRF3104

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF3104 MACOM-MRF3104 Datasheet
93Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
More results


Similar Description - MRF3104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
MICROWAVE LINEAR POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD1492 STMICROELECTRONICS-SD1492 Datasheet
97Kb / 7P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
Tyco Electronics
MRF10005 MACOM-MRF10005 Datasheet
160Kb / 4P
The RF Line Microwave Power Transistor
MRF3104 MACOM-MRF3104 Datasheet
93Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
logo
Advanced Power Technolo...
MS1279 ADPOW-MS1279 Datasheet
123Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com