Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF3104 Datasheet (PDF) - Tyco Electronics

MRF3104 Datasheet PDF - Tyco Electronics
Part # MRF3104
Download  MRF3104 Download
File Size   93.44 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MICROWAVE LINEAR POWER TRANSISTORS

MRF3104 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF3104 Datasheet PDF - Tyco Electronics

Part # MRF3104
Download  MRF3104 Click to download

File Size   93.44 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MICROWAVE LINEAR POWER TRANSISTORS

MRF3104 Datasheet (HTML) - Tyco Electronics


MRF3104 Product details

The RF Line
Microwave Linear Power Transistors

• Designed for Class A, Common Emitter Linear Power Amplifiers.
• Specified 20 Volt, 1.6 GHz Characteristics:

                                           MRF3104              MRF3105            MRF3106
         Output Power                0.5 W                    0.8 W                  1.6 W
         Power Gain                  10.5 dB                    9 dB                    8 dB

• Low Parasitic Microwave Stripline Package
• Gold Metalization for Improved Reliability
• Diffused Ballast Resistors




Similar Part No. - MRF3104

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF3104 MA-COM-MRF3104 Datasheet
149Kb / 6P
The RF Line: Microwave Linear Power Transistors 0.5-1.6W, 1.55-1.65GHz, 20V
More results


Similar Description - MRF3104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
MICROWAVE LINEAR POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
MICROWAVE LINEAR POWER TRANSISTORS
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD1459 STMICROELECTRONICS-SD1459 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
09-Sep-1993
SD1476 STMICROELECTRONICS-SD1476 Datasheet
90Kb / 8P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD1492 STMICROELECTRONICS-SD1492 Datasheet
97Kb / 7P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1279 ADPOW-MS1279 Datasheet
123Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com