Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C074 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C074 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C074
Download  HMC-C074 Download
File Size   252.95 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz

HMC-C074 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C074 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C074
Download  HMC-C074 Click to download

File Size   252.95 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz

HMC-C074 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C074 Product details

general Description
The HmC-C074 is a single stage power amplifer which operates between 10 mHz and 6 GHz. The amplifer provides 13 dB of gain, +40 dBm output ip3 and +29.5 dBm of output power at 1 dB gain compression while consuming only 450 ma from a +15V supply. Gain flatness is excellent at ±0.75 dB from 10 mHz - 6 GHz making the HmC-C074 ideal for eW, eCm, radar and test equipment applications.

features
    Gain: 13 dB
    High p1dB Output power: +29.5 dBm
    High Output ip3: +40 dBm
    excellent Gain flatness: ±0.75 dB
    regulated supply and Bias sequencing
    field replaceable sma Connectors
    Operating Temperature: -40°C to +70°C

typical applications
The HmC-C074 is ideal for:
• Telecom Infrastructure
• Test Instrumentation
• Military & Space




Similar Part No. - HMC-C074

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C074 HITTITE-HMC-C074 Datasheet
251Kb / 6P
SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074 Datasheet
536Kb / 6P
Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_1 Datasheet
251Kb / 6P
SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_11 Datasheet
536Kb / 6P
Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
More results


Similar Description - HMC-C074

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TGM-06-2002 TELEDYNE-TGM-06-2002 Datasheet
851Kb / 2P
Module Amplifier 2 GHz - 6 GHz
TGM-18-6002 TELEDYNE-TGM-18-6002 Datasheet
895Kb / 2P
Module Amplifier 6 GHz - 18 GHz
logo
Hittite Microwave Corpo...
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C075 HITTITE-HMC-C075 Datasheet
257Kb / 6P
TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_1 Datasheet
251Kb / 6P
SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_1 Datasheet
257Kb / 6P
TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_11 Datasheet
536Kb / 6P
Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_11 Datasheet
439Kb / 6P
tWO Stage Pow er Amplifier Module, 10 MHz - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com