Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C075 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C075 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C075
Download  HMC-C075 Download
File Size   257.86 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz

HMC-C075 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C075 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C075
Download  HMC-C075 Click to download

File Size   257.86 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz

HMC-C075 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C075 Product details

General Description

The HMC-C075 is a Two Stage Power Amplifier module which operates between 10 MHz and 6 GHz. The amplifi er provides 24 dB of gain, +42 dBm output IP3 and +29 dBm of output power at 1 dB gain compression while consuming only 740 mA from a +15V supply. Gain fl atness is excellent at ±0.75 dB from 10 MHz - 6 GHz making the HMC-C075 ideal for EW, ECM, Radar and test equipment applications.



Features

Gain: 24 dB

High P1dB Output Power: +29.5 dBm

High Output IP3: +42 dBm

Excellent Gain Flatness: ±0.75 dB

Regulated Supply and Bias Sequencing

Field Replaceable SMA Connectors

Operating Temperature: -40°C to +70°C



Typical Applications

The HMC-C075 is ideal for:

• Telecom Infrastructure

• Test Instrumentation

• Military & Space



 




Similar Part No. - HMC-C075

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C075 HITTITE-HMC-C075 Datasheet
257Kb / 6P
TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075 Datasheet
439Kb / 6P
tWO Stage Pow er Amplifier Module, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_1 Datasheet
257Kb / 6P
TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_11 Datasheet
439Kb / 6P
tWO Stage Pow er Amplifier Module, 10 MHz - 6 GHz
More results


Similar Description - HMC-C075

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TGM-06-2002 TELEDYNE-TGM-06-2002 Datasheet
851Kb / 2P
Module Amplifier 2 GHz - 6 GHz
logo
Hittite Microwave Corpo...
HMC-C004 HITTITE-HMC-C004 Datasheet
361Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C024 HITTITE-HMC-C024 Datasheet
874Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
logo
List of Unclassifed Man...
LMG002 ETC2-LMG002 Datasheet
553Kb / 1P
Two Stage Linear Amplifier
logo
Hittite Microwave Corpo...
HMC-C024 HITTITE-HMC-C024 Datasheet
295Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 10 MHz - 20 GHz
HMC-C074 HITTITE-HMC-C074 Datasheet
252Kb / 6P
SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_1 Datasheet
251Kb / 6P
SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_1 Datasheet
257Kb / 6P
TWO STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_11 Datasheet
536Kb / 6P
Single Stage Power Amplifier MODULE , 10 MHz - 6 GHz
HMC-C075 HITTITE-HMC-C075_11 Datasheet
439Kb / 6P
tWO Stage Pow er Amplifier Module, 10 MHz - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com