Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-239 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-239 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-239
Download  SW-239 Download
File Size   68.85 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 2.5 GHz

SW-239 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-239 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-239
Download  SW-239 Click to download

File Size   68.85 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 2.5 GHz

SW-239 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-239 Product details

Description

M/A-COM’s SW-239 is a GaAs MMIC SPDT switch in a low cost SOIC-8 lead surface mount plastic package. The SW-239 is ideally suited for use where low power consumption is required. Typical applications include transmit/receive switching, switch matrices and switched filter banks in systems such as radio and cellular equipment, PCM, GPS, fiber optic modules, and other battery

powered radio equipment.



Features

•  Very Low Power Consumption: 100 µW

•  Low Insertion Loss: 0.5 dB

•  High Isolation: 25 dB up to 2 GHz

•  Very High Intercept Point: 45 dBm IP3

•  Nanosecond Switching Speed

•  Temperature Range: -40°C to +85°C

•  Low Cost SOIC-8 Plastic Package

•  Tape and Reel Packaging Available




Similar Part No. - SW-239

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-239 MACOM-SW-239 Datasheet
35Kb / 2P
GaAs SPDT Switch DC-2.5 GHz
logo
M/A-COM Technology Solu...
SW-239 MA-COM-SW-239 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-239PIN MACOM-SW-239PIN Datasheet
35Kb / 2P
GaAs SPDT Switch DC-2.5 GHz
SW-239RTR MACOM-SW-239RTR Datasheet
35Kb / 2P
GaAs SPDT Switch DC-2.5 GHz
SW-239TR MACOM-SW-239TR Datasheet
35Kb / 2P
GaAs SPDT Switch DC-2.5 GHz
More results


Similar Description - SW-239

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS306 HW-HWS306 Datasheet
114Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS443 HW-HWS443 Datasheet
71Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0157 MA-COM-MASWSS0157 Datasheet
105Kb / 4P
GaAs SPDT Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com