Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-311-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-311-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-311-PIN
Download  SW-311-PIN Download
File Size   105.18 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Match GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input

SW-311-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-311-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-311-PIN
Download  SW-311-PIN Click to download

File Size   105.18 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Match GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input

SW-311-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-311-PIN Product details

Description
M/A-COM’s SW-311-PIN is a GaAs FET SPST absorptive switch with integral silicon ASIC driver. Packaged in a 16-lead ceramic surface mount package, this device offers excellent performance and repeatability from DC to 3 GHz while maintaining low power consumption. The SW-311-PIN is ideally suited for use where fast speed, low power consumption and broadband applications are required. MIL-STD-883 Screening Available.

Features
• Integral TTL Driver
• Ultra Low Power Consumption
• Fast Switching Speed: 4 ns Typical
• Hermetic Surface Mount Package
• 50 Ohm Nominal Impedance
• MIL-STD-883 Screening Available
• Lead-Free CR-9 Package
• 260°C Reflow Compatible
• RoHS* Compliant




Similar Part No. - SW-311-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
More results


Similar Description - SW-311-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-311 MACOM-SW-311 Datasheet
221Kb / 3P
Match GaAs SPST Switch, DC - 3 GHz with TTL/CMOS Control Input
SW05-0311 MACOM-SW05-0311 Datasheet
222Kb / 3P
Match GaAs SPST Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-312-PIN MACOM-SW-312-PIN Datasheet
176Kb / 4P
GaAs SPDT Reflective Switch, DC - 3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW05-0311 MA-COM-SW05-0311 Datasheet
107Kb / 4P
Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-110-PIN MA-COM-SW-110-PIN Datasheet
117Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com