Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HH-110 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

HH-110 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # HH-110
Download  HH-110 Download
File Size   89.97 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Hybrid Junction, 10 - 500 MHz

HH-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-110 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # HH-110
Download  HH-110 Click to download

File Size   89.97 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Hybrid Junction, 10 - 500 MHz

HH-110 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


HH-110 Product details

Description
3 dB Hybrids are ideal for dividing a signal into two signals of equal amplitude and a constant 90° or 180° phase differential and for Quadrature combining or performing summation/differential combining.

Features
• Broad Frequency Range
• Fully Hermetic Package (HHS-110)
• High Isolation: Typically 30 dB
• Impedance: 50 Ohms Nominal
• Input Power: 1 Watt Maximum
• MIL-STD-202 Screening Available




Similar Part No. - HH-110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-110 MACOM-HH-110 Datasheet
85Kb / 2P
Hybrid Junction 10 - 500 MHz
HH-110 MACOM-HH-110 Datasheet
133Kb / 3P
Hybrid Junction, 10 - 500 MHz
HH-110PIN MACOM-HH-110PIN Datasheet
85Kb / 2P
Hybrid Junction 10 - 500 MHz
HH-110PIN MACOM-HH-110PIN Datasheet
133Kb / 3P
Hybrid Junction, 10 - 500 MHz
More results


Similar Description - HH-110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-105 MACOM-HH-105 Datasheet
84Kb / 2P
Hybrid Junction 20 - 300 MHz
HH-127 MACOM-HH-127 Datasheet
85Kb / 2P
Hybrid Junction 10 - 500 MHz
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
HH-105 MACOM-HH-105_1 Datasheet
122Kb / 2P
Hybrid Junction, 20 - 300 MHz
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
Hybrid Junction, 10 - 500 MHz
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
Hybrid Junction, 20 - 300 MHz
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH_HHS-110_HH-127 MA-COM-HH_HHS-110_HH-127 Datasheet
89Kb / 3P
Hybrid Junction, 10 - 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com